PART |
Description |
Maker |
2SC4617T1G |
NPN Silicon General Purpose Amplifier Transistor NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Rectron Semiconductor
|
BCW72LT1 BCW72LT1/D BCW72L BCW72LT1-D |
General Purpose Transistors NPN Silicon Small Signal NPN General Purpose Transistor NPN Silicon(硅NPN通用晶体
|
ON Semiconductor
|
CN301 CN304 CN300 CN302 CN303 |
0.300W General Purpose NPN Plastic Leaded Transistor. 45V Vceo, A Ic, 50 - 300 hFE 0.300W General Purpose NPN Plastic Leaded Transistor. 35V Vceo, A Ic, 20 - hFE 0.300W General Purpose NPN Plastic Leaded Transistor. 35V Vceo, A Ic, 50 - 300 hFE 0.300W General Purpose NPN Plastic Leaded Transistor. 25V Vceo, A Ic, 50 - 300 hFE NPN SILICON PLANAR EPITAXIAL TRANSISTORS
|
CDIL[Continental Device India Limited] Continental Device Indi...
|
2N4400 BT4400 |
NPN General Purpose Amplifier 600 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN General Purpose Amplifier(NPN????ㄦ?澶у?
|
Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
CD9011 CD9011D CD9011E CD9011F CD9011G CD9011H CD9 |
0.400W General Purpose NPN Plastic Leaded Transistor. 30V Vceo, 0.100A Ic, 29 - 273 hFE 0.400W General Purpose NPN Plastic Leaded Transistor. 30V Vceo, 0.100A Ic, 29 - 44 hFE 0.400W General Purpose NPN Plastic Leaded Transistor. 30V Vceo, 0.100A Ic, 40 - 59 hFE 0.400W General Purpose NPN Plastic Leaded Transistor. 30V Vceo, 0.100A Ic, 54 - 80 hFE 0.400W General Purpose NPN Plastic Leaded Transistor. 30V Vceo, 0.100A Ic, 72 - 108 hFE 0.400W General Purpose NPN Plastic Leaded Transistor. 30V Vceo, 0.100A Ic, 97 - 146 hFE 0.400W General Purpose NPN Plastic Leaded Transistor. 30V Vceo, 0.100A Ic, 132 - 198 hFE 0.400W General Purpose NPN Plastic Leaded Transistor. 30V Vceo, 0.100A Ic, 182 - 273 hFE
|
Continental Device India Limited
|
BC847A BC846B BC848CLT1 BC850CLT1G BC846ALT1 BC846 |
Small Signal Transistor MINI Small Signal XST MINI General Purpose Transistor NPN Transistor SSP NPN GENERAL PURPOSE TRANSISTORS(NPN SILICON) High Speed CMOS Logic Dual Monostable Multivibrators with Reset 16-SOIC -55 to 125 高速CMOS逻辑可复位双重单稳态多谐振荡器 SOIC-16封装 工作温度55℃_125 High Speed CMOS Logic 4-to-16 Line Decoder/Demultiplexer 24-SOIC -55 to 125 100 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236AB
|
ONSEMI[ON Semiconductor]
|
BC550C BC550C_RR BC549 BC549C BC550 |
TRANSISTORSOT-54
TRANSISTOR|BJT|NPN|45VV(BR)CEO|100MAI(C)|TO-92
NPN general purpose transistors 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
http:// PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
2N5220 FTSO4400 FTSO4401 FTSO4402 FTSO4403 FTSO440 |
NPN small signal general purpose complementary amplifier. Small Signal General Purpose Amplifiers & Switchs NPN General Purpose Amplifier PNP small signal general purpose amplifier & switch. NPN neon display tube driver.
|
FAIRCHILD[Fairchild Semiconductor]
|
BC413B BC413C BC414B BC414C |
0.350W General Purpose NPN Plastic Leaded Transistor. 30V Vceo, 0.010A Ic, 180 - 460 hFE 0.350W General Purpose NPN Plastic Leaded Transistor. 30V Vceo, 0.100A Ic, 100 - hFE 0.350W General Purpose NPN Plastic Leaded Transistor. 45V Vceo, 0.100A Ic, 100 - hFE 0.350W General Purpose NPN Plastic Leaded Transistor. 45V Vceo, 0.100A Ic, 380 - 800 hFE
|
Continental Device India Limited
|
CN453 CN452 |
NPN SILICON PLANAR EPITAXIAL TRANSISTORS 0.900W General Purpose NPN Plastic Leaded Transistor. 80V Vceo, 1.000A Ic, 40 - 150 hFE 0.900W General Purpose NPN Plastic Leaded Transistor. 100V Vceo, 1.000A Ic, 40 - 200 hFE
|
Continental Device Indi... CDIL[Continental Device India Limited]
|
NTE2412 |
100 mA, 300 V, NPN, Si, SMALL SIGNAL TRANSISTOR Silicon NPN Transistor General Purpose, High Voltage Amp, (Compl to NTE2413)
|
NTE[NTE Electronics] NTE Electronics, Inc.
|